|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0355281200 Active 2.50mm (.098") Pitch Wire-to-Wire Male Housing with Mounting Ear, Positive Locking, Vertical, 12 Circuits Documents: Drawing (PDF) Product Specification PS-35528-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR19980 E29179 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Product Name Crimp Housings 35528 N/A Physical Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 12 Natural 94V-0 Male No Polyester 1 Bag Yes 0.098 In 2.50 mm No -40C to +105C Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-35528-001 SD-35528-**00 Search Parts in this Series 35528Series Mates With 35563 Use With 35053 This document was generated on 04/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 35528-1200 |